Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 602 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 602 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 598Page - Renesas Technology Corp H8S/2424 Datasheet HTML 599Page - Renesas Technology Corp H8S/2424 Datasheet HTML 600Page - Renesas Technology Corp H8S/2424 Datasheet HTML 601Page - Renesas Technology Corp H8S/2424 Datasheet HTML 602Page - Renesas Technology Corp H8S/2424 Datasheet HTML 603Page - Renesas Technology Corp H8S/2424 Datasheet HTML 604Page - Renesas Technology Corp H8S/2424 Datasheet HTML 605Page - Renesas Technology Corp H8S/2424 Datasheet HTML 606Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 574 of 1270
REJ09B0466-0100
10.7.4
Port 8 Open Drain Control Register (P8ODR)
P8ODR specifies the output type of each port 8 pin.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
5
P85ODR
0
R/W
4
P84ODR
0
R/W
3
P83ODR
0
R/W
2
P82ODR
0
R/W
1
P81ODR
0
R/W
0
P80ODR
0
R/W
Setting a P8ODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a P8ODR bit to 0 makes the corresponding pin a
CMOS output pin.
Bits 4, 2, and 0 are reserved in the H8S/2424
Group.
10.7.5
Pin Functions
Port 8 pins also function as SCI I/Os, interrupt inputs, EXDMAC I/Os, PPG outputs, TPU I/Os,
and 8-bit timer I/Os. The correspondence between the register specification and the pin functions
is shown below.
(1) Pin Functions of H8S/2426 Group and H8S/2426R Group
• P85/EDACK3/IRQ5-B/SCK3/PO5-B/TIOCB4-B/TMO1-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, TPU channel 4 settings (by bits MD3 to MD0 in TMDR_4, bits IOB3 to
IOB0 in TIOR_4, and bits CCLR1 and CCLR0 in TCR_4), bits OS3 to OS0 in TCSR_1 of the
8-bit timer, bit NDER5 in NDERL of the PPG, bit AMS in EDMDR_3 of the EXDMAC, bit
C/
A in SMR_3 and bits CKE0 and CKE1 in SCR_3 of the SCI, bits PPGS, TPUS, and TMRS
in PFCR3, bit P85DDR, and bit ITS5 in ITSR of the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com