Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 607 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 607 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 603Page - Renesas Technology Corp H8S/2424 Datasheet HTML 604Page - Renesas Technology Corp H8S/2424 Datasheet HTML 605Page - Renesas Technology Corp H8S/2424 Datasheet HTML 606Page - Renesas Technology Corp H8S/2424 Datasheet HTML 607Page - Renesas Technology Corp H8S/2424 Datasheet HTML 608Page - Renesas Technology Corp H8S/2424 Datasheet HTML 609Page - Renesas Technology Corp H8S/2424 Datasheet HTML 610Page - Renesas Technology Corp H8S/2424 Datasheet HTML 611Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 579 of 1270
REJ09B0466-0100
• P82/IRQ2-B/ETEND2
The pin function is switched as shown below according to the combination of bit ETENDE in
EDMDR_2 of the EXDMAC, bit P82DDR, and bit ITS2 in ITSR of the interrupt controller.
Operating mode
1, 2, 4, 7 (EXPE = 1)
7 (EXPE = 0)
ETENDE
0
1
P82DDR
0
1
0
1
P82 input
P82 output
ETEND2 output
P82 input
P82 output
Pin function
IRQ2-B interrupt input*
Note:
*
IRQ2-B input when the ITS2 bit in ITSR is 1.
• P81/EDREQ3/IRQ1-B/TxD3/PO1-B/TIOCB3-B/TMRI1-B
The pin function is switched as shown below according to the combination of bit TE in SCR_3
of the SCI, TPU channel 3 settings (by bits MD3 to MD0 in TMDR_3, bits IOB3 to IOB0 in
TIORH_3, and bits CCLR2 to CCLR0 in TCR_3), bit NDER1 in NDERL of the PPG, bits
PPGS, TPUS, and TMRS in PFCR3, bit P81DDR, and bit ITS1 in ITSR of the interrupt
controller.
TPU channel 3
settings
(1) in table
below
(2) in table below
TE
0
1
P81DDR
0
1
1
NDER1
0
1
P81 input
P81 output
PO1-B output*
2
TxD3 output
TIOCB3-B
output*
3
TIOCB3-B input*
3
EDREQ3 input
IRQ1-B interrupt input*1
Pin function
TMRI1-B input*
4
Notes: 1.
IRQ1-B input when the ITS1 bit in ITSR is 1.
2. PO1-B output when the PPGS bit in PFCR3 is 1.
3. TIOCB3-B input/output when the TPUS bit in PFCR3 is 1.
4. TMRI1-B input when the TMRS bit in PFCR3 is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com