Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 682Page - Renesas Technology Corp H8S/2424 Datasheet HTML 683Page - Renesas Technology Corp H8S/2424 Datasheet HTML 684Page - Renesas Technology Corp H8S/2424 Datasheet HTML 685Page - Renesas Technology Corp H8S/2424 Datasheet HTML 686Page - Renesas Technology Corp H8S/2424 Datasheet HTML 687Page - Renesas Technology Corp H8S/2424 Datasheet HTML 688Page - Renesas Technology Corp H8S/2424 Datasheet HTML 689Page - Renesas Technology Corp H8S/2424 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 658 of 1270
REJ09B0466-0100
10.16.5
Pin Functions
Port H pins also function as bus control signal I/Os and interrupt inputs. The correspondence
between the register specification and the pin functions is shown below.
• PH3/CS7/OE-A/CKE-A/IRQ7-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit OEE in DRAMCR of the bus controller, bit OES in PFCR2, bit CS7E in
PFCR0, and bit PH3DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
OEE
0
1
OES
0
0
1
RMTS2 to
RMTS0
Areas 2 to
5 are
DRAM
space
Areas 2 to
5 are syn-
chronous
DRAM
space*
3
CS7E
0
1
0
1
PH3DDR
0
1
0
1
0
1
0
1
PH3
input
PH3
output
PH3
input
CS7
output
PH3
input
PH3
output
PH3
input
CS7
output
OE-A
output*
2
CKE-A*
3
output*
2
Pin
function
IRQ7-B input*1
• Mode 7 (EXPE = 0)
OEE
OES
RMTS2 to RMTS0
CS7E
PH3DDR
0
1
PH3 input
PH3 output
Pin function
IRQ7-B input*1
Notes: 1.
IRQ7-B input when the ITS7 bit in ITSR is 1.
2.
OE-A/CKE-A output when the OES bit in PFCR2 is 1.
3. Not supported in the H8S/2426 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com