Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 694Page - Renesas Technology Corp H8S/2424 Datasheet HTML 695Page - Renesas Technology Corp H8S/2424 Datasheet HTML 696Page - Renesas Technology Corp H8S/2424 Datasheet HTML 697Page - Renesas Technology Corp H8S/2424 Datasheet HTML 698Page - Renesas Technology Corp H8S/2424 Datasheet HTML 699Page - Renesas Technology Corp H8S/2424 Datasheet HTML 700Page - Renesas Technology Corp H8S/2424 Datasheet HTML 701Page - Renesas Technology Corp H8S/2424 Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 670 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
BACKS
0
R/W
BACK Pin Select
Selects the
BACK output pin.
0: PG5/
BACK-A is selected
1: P52/
BACK-B is selected
4
BREQOS
0
R/W
BREQO Pin Select
Selects the
BREQO output pin.
0: PG4/
BREQO-A is selected
1: P50/
BREQO-B is selected
3
0
Reserved
This bit is always read as 0. Only the initial value
should be written to this bit.
2
TXD4S
0
R/W
TxD4 Pin Select
Selects the TxD4 output pin.
0: P23/TxD4-A is selected
1: PA1/TxD4-B is selected
1
RXD4S
0
R/W
RxD4 Pin Select
Selects the RxD4 input pin.
0: P24/RxD4-A is selected
1: PA2/RxD4-B is selected
0
SCK4S
0
R/W
SCK4 Pin Select
Selects the SCK4 input/output pin.
0: P34/SCK4-A is selected
1: PA3/SCK4-B is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com