Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 703 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 703 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 699Page - Renesas Technology Corp H8S/2424 Datasheet HTML 700Page - Renesas Technology Corp H8S/2424 Datasheet HTML 701Page - Renesas Technology Corp H8S/2424 Datasheet HTML 702Page - Renesas Technology Corp H8S/2424 Datasheet HTML 703Page - Renesas Technology Corp H8S/2424 Datasheet HTML 704Page - Renesas Technology Corp H8S/2424 Datasheet HTML 705Page - Renesas Technology Corp H8S/2424 Datasheet HTML 706Page - Renesas Technology Corp H8S/2424 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 675 of 1270
REJ09B0466-0100
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
DTC
activation
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
DMAC
activation
TGRA_0
compare
match or
input capture
TGRA_1
compare
match or
input capture
TGRA_2
compare
match or
input capture
TGRA_3
compare
match or
input capture
TGRA_4
compare
match or
input capture
TGRA_5
compare
match or
input capture
A/D
converter
trigger
TGRA_0
compare
match or
input capture
TGRA_1
compare
match or
input capture
TGRA_2
compare
match or
input capture
TGRA_3
compare
match or
input capture
TGRA_4
compare
match or
input capture
TGRA_5
compare
match or
input capture
PPG
trigger
TGRA_0/
TGRB_0
compare
match or
input capture
TGRA_1/
TGRB_1
compare
match or
input capture
TGRA_2/
TGRB_2
compare
match or
input capture
TGRA_3/
TGRB_3
compare
match or
input capture
Interrupt
sources
5 sources
• Compare
match or
input
capture
0A
• Compare
match or
input
capture
0B
• Compare
match or
input
capture
0C
• Compare
match or
input
capture
0D
• Overflow
4 sources
• Compare
match or
input
capture
1A
• Compare
match or
input
capture
1B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
2A
• Compare
match or
input
capture
2B
• Overflow
• Underflow
5 sources
• Compare
match or
input
capture
3A
• Compare
match or
input
capture
3B
• Compare
match or
input
capture
3C
• Compare
match or
input
capture
3D
• Overflow
4 sources
• Compare
match or
input
capture
4A
• Compare
match or
input
capture
4B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
5A
• Compare
match or
input
capture
5B
• Overflow
• Underflow
[Legend]
:
Possible
•:
Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com