Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 854 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 854 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 850Page - Renesas Technology Corp H8S/2424 Datasheet HTML 851Page - Renesas Technology Corp H8S/2424 Datasheet HTML 852Page - Renesas Technology Corp H8S/2424 Datasheet HTML 853Page - Renesas Technology Corp H8S/2424 Datasheet HTML 854Page - Renesas Technology Corp H8S/2424 Datasheet HTML 855Page - Renesas Technology Corp H8S/2424 Datasheet HTML 856Page - Renesas Technology Corp H8S/2424 Datasheet HTML 857Page - Renesas Technology Corp H8S/2424 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 826 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
6
WT/
IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog
timer or interval timer.
0: Interval timer mode
When TCNT overflows, an interval timer interrupt
(WOVI) is requested.
1: Watchdog timer mode
When TCNT overflows, the
WDTOVF signal is
output.
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT starts counting.
When this bit is cleared, TCNT stops counting and
is initialized to H'00.
4, 3
—
All 1
—
Reserved
These bits are always read as 1 and cannot be
modified.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Selects the clock source to be input to TCNT. The
overflow frequency for
φ = 20 MHz is enclosed in
parentheses.
000: Clock
φ/2 (frequency: 25.6 µs)
001: Clock
φ/64 (frequency: 819.2 µs)
010: Clock
φ/128 (frequency: 1.6 ms)
011: Clock
φ/512 (frequency: 6.6 ms)
100: Clock
φ/2048 (frequency: 26.2 ms)
101: Clock
φ/8192 (frequency: 104.9 ms)
110: Clock
φ/32768 (frequency: 419.4 ms)
111: Clock
φ/131072 (frequency: 1.68 s)
Note:
* Only a write of 0 is permitted, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com