Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 859 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 859 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 855Page - Renesas Technology Corp H8S/2424 Datasheet HTML 856Page - Renesas Technology Corp H8S/2424 Datasheet HTML 857Page - Renesas Technology Corp H8S/2424 Datasheet HTML 858Page - Renesas Technology Corp H8S/2424 Datasheet HTML 859Page - Renesas Technology Corp H8S/2424 Datasheet HTML 860Page - Renesas Technology Corp H8S/2424 Datasheet HTML 861Page - Renesas Technology Corp H8S/2424 Datasheet HTML 862Page - Renesas Technology Corp H8S/2424 Datasheet HTML 863Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 831 of 1270
REJ09B0466-0100
14.5
Interrupt Source
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.
Table 14.2
WDT Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
WOVI
TCNT overflow
OVF
Impossible
14.6
Usage Notes
14.6.1
Notes on Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
(1) Writing to TCNT, TCSR, and RSTCSR
TCNT and TCSR must be written to by a word transfer instruction. They cannot be written to by a
byte transfer instruction.
TCNT and TCSR both have the same write address. Therefore, satisfy the relative condition
shown in figure 14.4 to write to TCNT or TCSR. The transfer instruction writes the lower byte
data to TCNT or TCSR according to the satisfied condition.
To write to RSTCSR, execute a word transfer instruction for address H'FFBE. A byte transfer
instruction cannot perform writing to RSTCSR.
The method of writing 0 to the WOVF bit differs from that of writing to the RSTE bit. To write 0
to the WOVF bit, satisfy the lower condition shown in figure 14.4.
If satisfied, the transfer instruction clears the WOVF bit to 0, but has no effect on the RSTE bit.
To write to the RSTE bit, satisfy the above condition shown in figure 14.4. If satisfied, the transfer
instruction writes the value in bit 6 of the lower byte into the RSTE bit, but has no effect on the
WOVF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com