Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 860Page - Renesas Technology Corp H8S/2424 Datasheet HTML 861Page - Renesas Technology Corp H8S/2424 Datasheet HTML 862Page - Renesas Technology Corp H8S/2424 Datasheet HTML 863Page - Renesas Technology Corp H8S/2424 Datasheet HTML 864Page - Renesas Technology Corp H8S/2424 Datasheet HTML 865Page - Renesas Technology Corp H8S/2424 Datasheet HTML 866Page - Renesas Technology Corp H8S/2424 Datasheet HTML 867Page - Renesas Technology Corp H8S/2424 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 836 of 1270
REJ09B0466-0100
Asynchronous Mode
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RxD pin level directly in case of a
framing error
• Average transfer rate generator (SCI_2 only):
115.152 or 460.606 kbps at 10.667-MHz operation
115.196, 460.784, or 720 kbps at 16-MHz operation
720 kbps at 32-MHz operation
Clocked Synchronous Mode
• Data length: 8 bits
• Receive error detection: Overrun errors detected
Smart Card Interface
• Automatic transmission of error signal (parity error) in receive mode
• Error signal detection and automatic data retransmission in transmit mode
• Direct convention and inverse convention both supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com