| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 906 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 906 Page - Renesas Technology Corp |
|
906 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 878 of 1270 REJ09B0466-0100 Yes <End> [1] No Initialization Start of reception [2] No Yes Read RDRF flag in SSR [4] [5] Clear RE bit in SCR to 0 Read ORER, PER, and FER flags in SSR Error handling (Continued on next page) [3] Read receive data in RDR, and clear RDRF flag in SSR to 0 No Yes PER ∨ FER ∨ ORER = 1? RDRF = 1? All data received? SCI initialization: The RxD pin is automatically designated as the receive data input pin. Receive error handling and break detection: If a receive error occurs, read the ORER, PER, and FER flags in SSR to identify the error. After performing the appropriate error processing, ensure that the ORER, PER, and FER flags are all cleared to 0. Reception cannot be resumed if any of these flags are set to 1. In the case of a framing error, a break can be detected by reading the value of the input port corresponding to the RxD pin. SCI status check and receive data read : Read SSR and check that RDRF = 1, then read the receive data in RDR and clear the RDRF flag to 0. Transition of the RDRF flag from 0 to 1 can also be identified by an RXI interrupt. Serial reception continuation procedure: To continue serial reception, before the stop bit for the current frame is received, read the RDRF flag, read RDR, and clear the RDRF flag to 0. The RDRF flag is cleared automatically when the DMAC or DTC is activated by an RXI interrupt and the RDR value is read. [1] [2] [3] [4] [5] Figure 15.9 Sample Serial Reception Data Flowchart (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |