Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 929 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 929 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 925Page - Renesas Technology Corp H8S/2424 Datasheet HTML 926Page - Renesas Technology Corp H8S/2424 Datasheet HTML 927Page - Renesas Technology Corp H8S/2424 Datasheet HTML 928Page - Renesas Technology Corp H8S/2424 Datasheet HTML 929Page - Renesas Technology Corp H8S/2424 Datasheet HTML 930Page - Renesas Technology Corp H8S/2424 Datasheet HTML 931Page - Renesas Technology Corp H8S/2424 Datasheet HTML 932Page - Renesas Technology Corp H8S/2424 Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 901 of 1270
REJ09B0466-0100
4. Transmission of one frame, including a retransfer, is judged to have been completed, and the
TEND bit in SSR is set to 1. If the TIE bit in SCR is set at this time, a TXI interrupt request is
generated. Writing transmit data to TDR transfers the next transmit data.
Figure 15.28 shows a flowchart for transmission. The sequence of transmit operations can be
performed automatically by specifying the DTC or DMAC to be activated with a TXI interrupt
source. In a transmit operation, the TDRE flag is also set to 1 at the same time as the TEND flag in
SSR, and a TXI interrupt will be generated if the TIE bit in SCR has been set to 1. If the TXI
request is designated beforehand as a DTC or DMAC activation source, the DTC or DMAC will
be activated by the TXI request, and transfer of the transmit data will be carried out. The TDRE
and TEND flags are automatically cleared to 0 when data transfer is performed by the DTC or
DMAC. In the event of an error, the SCI retransmits the same data automatically. During this
period, the TEND flag remains cleared to 0 and the DTC or DMAC is not activated. Therefore, the
SCI and DTC or DMAC will automatically transmit the specified number of bytes in the event of
an error, including retransmission. However, the ERS flag is not cleared automatically when an
error occurs, and so the RIE bit should be set to 1 beforehand so that an ERI request will be
generated in the event of an error, and the ERS flag will be cleared.
When performing transfer using the DTC or DMAC, it is essential to set and enable the DTC or
DMAC before carrying out SCI setting. For details on the DTC or DMAC setting procedures,
refer to section 9, Data Transfer Controller (DTC) or section 7, DMA Controller (DMAC).
D0 D1 D2 D3 D4 D5 D6 D7 Dp
DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
TDRE
TEND
[1]
FER/ERS
Transfer to TSR from TDR
Transfer to TSR from TDR
Transfer to TSR
from TDR
[2]
[4]
[3]
Figure 15.26 Retransfer Operation in SCI Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com