Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 984 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 984 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 980Page - Renesas Technology Corp H8S/2424 Datasheet HTML 981Page - Renesas Technology Corp H8S/2424 Datasheet HTML 982Page - Renesas Technology Corp H8S/2424 Datasheet HTML 983Page - Renesas Technology Corp H8S/2424 Datasheet HTML 984Page - Renesas Technology Corp H8S/2424 Datasheet HTML 985Page - Renesas Technology Corp H8S/2424 Datasheet HTML 986Page - Renesas Technology Corp H8S/2424 Datasheet HTML 987Page - Renesas Technology Corp H8S/2424 Datasheet HTML 988Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 984 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 956 of 1270
REJ09B0466-0100
Module data bus
Control circuit
Internal
data bus
10-bit A/D
Comparator
+
–
Sample-and-
hold circuit
ADI0 interrupt
signal
AVCC
Vref
AVSS
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
ADTRG0-A
Conversion start
trigger from
TPU (units 0, 1) or TMR
[Legend]
ADCR_0:
A/D control register_0
ADCSR_0: A/D control/status register_0
ADDRA_0: A/D data register A_0
ADDRB_0: A/D data register B_0
ADDRC_0: A/D data register C_0
ADDRD_0: A/D data register D_0
ADDRE_0: A/D data register E_0
ADDRF_0: A/D data register F_0
ADDRG_0: A/D data register G_0
ADDRH_0: A/D data register H_0
ADTRG0-B
Figure 17.1 Block Diagram of A/D Converter Unit 0 (AD_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com