Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 997 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 997 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 993Page - Renesas Technology Corp H8S/2424 Datasheet HTML 994Page - Renesas Technology Corp H8S/2424 Datasheet HTML 995Page - Renesas Technology Corp H8S/2424 Datasheet HTML 996Page - Renesas Technology Corp H8S/2424 Datasheet HTML 997Page - Renesas Technology Corp H8S/2424 Datasheet HTML 998Page - Renesas Technology Corp H8S/2424 Datasheet HTML 999Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 969 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
4
SCANE
SCANS
0
0
R/W
R/W
Scan Mode
These bits select the A/D conversion operating mode.
0x: Single mode
10: Scan mode. A/D conversion is performed continuously for
channels 1 to 4.
11: Scan mode. A/D conversion is performed continuously for
channels 1 to 8.
3
2
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the A/D conversion clock (ADCLK) and
specify the A/D conversion time in combination with the
EXCKS bit.
First select the A/D conversion time while ADST = 0 in
ADCSR and then set the mode of A/D conversion. Before
entering software standby mode or module stop mode, set
these bits to B'11.
Set CKS1 and CKS0 bits appropriately so that the ADCLK
frequency is 10 MHz or less.
EXCKS, CKS1, and CKS0
000: Setting prohibited
001: A/D conversion time = 268 states (max.) at ADCLK =
φ/4
010: A/D conversion time = 138 states (max.) at ADCLK =
φ/2
011: A/D conversion time = 73 states (max.) at ADCLK =
φ
100: Setting prohibited
101: A/D conversion time = 172 states (max.) at ADCLK =
φ/4
110: A/D conversion time = 90 states (max.) at ADCLK =
φ/2
111: A/D conversion time = 49 states (max.) at ADCLK =
φ
1
ADSTCLR 0
R/W
A/D Start Clear
This bit enables or disables automatic clearing of the ADST bit
in scan mode.
0: The ADST bit is not automatically cleared to 0 in scan
mode.
1: The ADST bit is cleared to 0 upon completion of the A/D
conversion for all of the selected channels in scan mode.
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com