Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1006 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1006 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1010Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1006 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 978 of 1270
REJ09B0466-0100
17.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 17.6 shows the A/D conversion timing. Tables 17.5 and 17.6
show the A/D conversion time.
As shown in figure 17.6, the A/D conversion time (t
CONV) includes the A/D conversion start delay
time (t
D) and the input sampling time (tSPL). The length of tD varies depending on the timing of the
write access to ADCSR. The total conversion time therefore varies within the ranges indicated in
tables 17.5 and 17.6.
In scan mode, the values given in tables 17.5 and 17.6 apply to the first conversion time. The
values given in table 17.7 apply to the second and subsequent conversions. In either case, bit
EKCKS in ADCSR, and bits CKS1 and CKS0 in ADCR should be set so that the conversion time
is within the ranges indicated by the A/D conversion characteristics.
(1)
(2)
tD
tSPL
tCONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
tD:
A/D conversion start delay time
tSPL:
Input sampling time
tCONV: A/D conversion time
Figure 17.6 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com