Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1012 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1012 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1013Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1014Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1015Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1016Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1012 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 984 of 1270
REJ09B0466-0100
17.7
Usage Notes
17.7.1
Module Stop Function Setting
Operation of the A/D converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing the module stop state. Set the CKS1 and CKS2 bits to 1 to set ADCLK to
φ, and clear the
ADST, TRGS1, TRGS0, and EXTRGS bits all to 0 to disable A/D conversion when entering
module stop state after operation of the A/D converter. After that, set the module stop control
register after executing a dummy read by one word. For details, see section 24, Power-Down
Modes.
17.7.2
A/D Input Hold Function in Software Standby Mode
When this LSI enters software standby mode with A/D conversion enabled, the analog inputs are
retained, and the analog power supply current is equal to as during A/D conversion. If the analog
power supply current needs to be reduced in software standby mode, set the CKS1 and CKS2 bits
to 1 to set ADCLK to
φ, and clear the ADST, TRGS1, TRGS0, and EXTRGS bits all to 0 to
disable A/D conversion. After that, enter software standby mode after executing a dummy read by
one word.
17.7.3
Restarting the A/D Converter
When the ADST bit has been cleared to 0, A/D converter stops in synchronization with the
ADCLK and then enters the standby sate. After the ADST bit has been cleared, the converter may
not actually make the transition to the standby state for up to 10 cycles (
φ), so do not change the
channels of the ADCLK, motion mode, or analog input at this time.
When restarting the A/D converter right after the ADST bit has been cleared to 0, read the 16
bytes from ADDRA to ADDRH and then start the A/D converter by setting the ADST bit to 1. If
the converter is in single mode or one-cycle scan mode, however, the ADST bit can be set to 1 by
clearing the ADF bit to 0 after confirming that the ADF bit had been set to 1 on completion of the
previous round of conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com