Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1038 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1038 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1042Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1038 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1010 of 1270
REJ09B0466-0100
19.3.6
SS Control Register 2 (SSCR2)
SSCR2 is a register that enables/disables the open-drain outputs of the SSO, SSI, SSCK, and
SCS
pins, selects the assert timing of the
SCS pin, data output timing of the SSO pin, and set timing of
the TEND bit.
Bit
Bit Name
Initial
Value
R/W
Description
7
SDOS
0
R/W
Serial Data Pin Open Drain Select
Selects whether the serial data output pin is used as a
CMOS or an NMOS open drain output. Pins to output
serial data differ according to the register setting. For
details, 19.4.3, Relationship between Data Input/Output
Pins and Shift Register.
0: CMOS output
1: NMOS open drain output
6
SSCKOS
0
R/W
SSCK Pin Open Drain Select
Selects whether the SSCK pin is used as a CMOS or
an NMOS open drain output.
0: CMOS output
1: NMOS open drain output
5
SCSOS
0
R/W
SCS Pin Open Drain Select
Selects whether the
SCS pin is used as a CMOS or an
NMOS open drain output.
0: CMOS output
1: NMOS open drain output
4
TENDSTS 0
R/W
Selects the timing of setting the TEND bit (valid in SSU
and master mode).
0: Sets the TEND bit when the last bit is being
transmitted
1: Sets the TEND bit after the last bit is transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com