Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1044 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1044 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1048Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1016 of 1270
REJ09B0466-0100
19.4.4
Communication Modes and Pin Functions
The SSU switches the input/output pin (SSI, SSO, SSCK, and
SCS) functions according to the
communication modes and register settings. When a pin is used as an input pin, set the
corresponding bit in the input buffer control register (ICR) to 1. The relationship of
communication modes and input/output pin functions are shown in tables 19.4 to 19.6.
Table 19.4
Communication Modes and Pin States of SSI and SSO Pins
Register Setting
Pin State
Communication
Mode
SSUMS
BIDE
MSS
TE
RE
SSI
SSO
0
0
0
0
1
Input
SSU communication
mode
1
0
Output
1
Output
Input
1
0
1
Input
1
0
Output
1
Input
Output
0
1
0
0
1
Input
SSU (bidirectional)
communication mode
1
0
Output
1
0
1
Input
1
0
Output
1
0
0
0
1
Input
Clock synchronous
communication mode
1
0
Output
1
Input
Output
1
0
1
Input
1
0
Output
1
Input
Output
[Legend]
:
Not used as SSU pin (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com