| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 1049 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 1049 Page - Renesas Technology Corp |
|
1049 / 1302 page ![]() Section 19 Synchronous Serial Communication Unit (SSU) Rev. 1.00 Sep. 19, 2008 Page 1021 of 1270 REJ09B0466-0100 Bit 0 Bit 1 to Bit 7 Bit 6 LSI operation User operation SSO (LSB first) SSO (MSB first) SCS SSCK TDRE TEND SSTDR2 SSTDR1 SSTDR0 Bit 0 Bit 1 to Bit 7 Bit 6 Bit 0 Bit 1 to Bit 7 Bit 6 Bit 7 Bit 6 to Bit 0 Bit 1 SSTDR0 SSTDR1 SSTDR2 Bit 7 Bit 6 to Bit 0 Bit 1 Bit 7 Bit 6 to Bit 0 Bit 1 1 frame Data written to SSTDR0, SSTDR1, and SSTDR2 TXI interrupt generated TEI interrupt generated Figure 19.5 (3) Example of Transmission Operation (SSU Mode) When 24-Bit Data Length is Selected (SSTDR0, SSTDR1, and SSTDR2 are Valid) with CPOS = 0 and CPHS = 0 Bit 0 to to to to to to to to Bit 0 Bit 7 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 LSI operation User operation SSO (LSB first) SSO (MSB first) SCS SSCK TDRE TEND SSTDR0 SSTDR3 SSTDR1 SSTDR2 SSTDR2 SSTDR1 SSTDR3 SSTDR0 1 frame Data written to SSTDR0, SSTDR1, SSTDR2 and SSTDR3 TXI interrupt generated TEI interrupt generated Figure 19.5 (4) Example of Transmission Operation (SSU Mode) When 32-Bit Data Length is Selected (SSTDR0, SSTDR1, SSTDR2 and SSTDR3 are Valid) with CPOS = 0 and CPHS = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |