Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1082 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1082 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1086Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1082 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1054 of 1270
REJ09B0466-0100
21.5.1
Read Array
This command reads the flash memory.
Write H'xxFF in the first bus cycle to shift the flash memory into the read array mode. Specify the
target read address in the next bus cycle, and data is read from the address in 16-bit units.
As the flash memory stays in the read array mode until another command is issued, multiple
addresses can be read in sequence.
21.5.2
Read Status Register
This command reads the status register.
Write H'xx70 in the first bus cycle, and the status register can be read in the second bus cycle
(refer to section 21.6, Status Register). Specify an even address in the program ROM or data flash
to read the status register.
Do not issue this command in the EW1 mode.
21.5.3
Clear Status Register
This command clears the status register.
Write H'xx50 in the first bus cycle, and the FMERSF and FMPRSF bits in FLMSTR are cleared to
0.
21.5.4
Program
This command writes data to the flash memory in 2-word (4-byte) units.
Write H'xx41 in the first bus cycle and write data to the target address in the second and third bus
cycles; the flash memory starts automatic writing (programming and verifying data). The address
value specified in the first bus cycle should be the same even address as that specified in the
second bus cycle.
Completion of automatic writing can be checked through the FMRDY bit in FLMSTR. The
FMRDY bit is 0 (busy) during automatic writing and becomes 1 (ready) when writing is
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com