Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1087 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1087 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1091Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1059 of 1270
REJ09B0466-0100
21.6
Status Register
The status register indicates the state of flash memory operation and whether erasure or
programming has ended successfully or with an error. The status register contents can be read
through the FMRDY, FMPRSF, and FMERSF bits in FLMSTR.
Table 21.6 shows the status register.
In the EW0 mode, the status register can be read with the following timing.
•
When a read status register command is issued and then an even address in the user ROM or
data flash is read
•
When a program command, a block erase command, or a block blank check command is
issued and then an even address in the user ROM or data flash is read before a read array
command is issued
Table 21.6
Status Register
Status
Bits in Status
Register
Bits in
FMLSTR
Status Name
0
1
Value after
Reset
SR0 (D0)
Reserved
SR1 (D1)
Reserved
SR2 (D2)
Reserved
SR3 (D3)
Reserved
SR4 (D4)
FMPRSF
Programming
status
Completed
successfully
Ended with
error
0
SR5 (D5)
FMERSF
Erase status
Completed
successfully
Ended with
error
0
SR6 (D6)
Reserved
SR7 (D7)
FMRDY
Sequencer status Busy
Ready
1
[Legend]
D0 to D7: Data bus from which the bit is read when a read status register command is issued.
Note:
The FMERSF (SR5) and FMPRSF (SR4) bits are cleared to 0 by a clear status register
command.
When the FMERSF (SR5) or FMPRSF (SR4) bit is 1, the program, block erase, and block
blank check commands are not accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com