Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1121 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1121 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1120Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1121Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1122Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1123Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1124Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1121 / 1302 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1093 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
SDPSTP*
0
R/W
SDRAM
φ Output Disable
Controls SDRAM
φ.
0: SDRM
φ output.
1: Can be used as PH1/
CS5/RAS5.
When the SDRAM
φ output is selected, the pin
functions as follows in each power-down mode.
Normal operation: SDRAM
φ output
Sleep mode: SDRAM
φ output
Software standby mode: Fixed at a low level
Hardware standby mode: High-impedance state
All module clock stop mode: SDRAM
φ output
4
—
0
—
Reserved
This bit is always read as 0 and cannot be
modified.
3
STCS
0
R/W
Frequency Multiplication Factor Switching Mode
Select
Selects the operation when the PLLCR register
setting is changed.
0: Specified multiplication factor is valid after
transition to software standby mode.
1: Specified multiplication factor is valid
immediately after STC1 and STC0 bits are
rewritten.
2
1
0
—
0
0
0
R/W
R/W
R/W
Reserved
These bits are always read as 0 and cannot be
modified.
Note:
* The H8S/2426 group and H8S/2424 group do not have this bit. The pin always
functions as an I/O port regardless of this bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com