Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1145 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1145 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1145 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1117 of 1270
REJ09B0466-0100
Table 24.3
Combinations of SYSCR Settings and Operation in Access to On-Chip RAM
Register Settings
RAME
EXPE
mstp
Target for Access Description
1
This area is not readable/writable and access is
prohibited.
1
X
0
On-chip RAM
1
X
External address
space
0
0
X
This area is not readable/writable and access is
prohibited.
24.2.6
All Module Clocks Stop Mode
When the ACSE bit in MSTPCRH is set to 1 and module stop mode is set for all the on-chip
peripheral functions controlled by MSTPCR or EXMSTPCR (MSTPCR = H'FFFF, EXMSTPCR
= H'FFFF), or for all the on-chip peripheral functions except the 8-bit timer (MSTPCR = H'FFFE,
EXMSTPCR = H'FFFF), executing a SLEEP instruction while the SSBY bit in SBYCR is cleared
to 0 will cause all the on-chip peripheral functions (except the 8-bit timer and watchdog timer), the
bus controller, and the I/O ports to stop operating, and a transition to be made to all module clocks
stop mode at the end of the bus cycle.
Operation or stopping of the 8-bit timer can be selected by means of the MSTP0 bit.
To further reduce the current consumption in all module clocks stop mode, stop the modules
controlled by RMMSTPCR (RMMSTPCR = H'FFFF).
All module clocks stop mode is cleared by an external interrupt (NMI,
IRQ0 to IRQ15* pins),
RES pin input, or an internal interrupt (8-bit timer, watchdog timer), and the CPU returns to the
normal program execution state via the exception handling state. All module clocks stop mode is
not cleared if interrupts are disabled, if interrupts other than NMI are masked by the CPU, or if the
relevant interrupt is designated as a DTC activation source.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
Note: *
IRQ8 to IRQ15 are not supported by the H8S/2424 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com