Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1154 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1154 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1154 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1126 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Timer I/O control register L_9
TIORL_9
8
H'FD03
TPU_9
16
2
Timer interrupt enable register_9
TIER_9
8
H'FD04
TPU_9
16
2
Timer status register_9
TSR_9
8
H'FD05
TPU_9
16
2
Timer counter_9
TCNT_9
16
H'FD06
TPU_9
16
2
Timer general register A_9
TGRA_9
16
H'FD08
TPU_9
16
2
Timer general register B_9
TGRB_9
16
H'FD0A
TPU_9
16
2
Timer general register C_9
TGRC_9
16
H'FD0C
TPU_9
16
2
Timer general register D_9
TGRD_9
16
H'FD0E
TPU_9
16
2
Timer control register_10
TCR_10
8
H'FD10
TPU_10
16
2
Timer mode register_10
TMDR_10
8
H'FD11
TPU_10
16
2
Timer I/O control register_10
TIOR_10
8
H'FD12
TPU_10
16
2
Timer interrupt enable register_10
TIER_10
8
H'FD14
TPU_10
16
2
Timer status register_10
TSR_10
8
H'FD15
TPU_10
16
2
Timer counter_10
TCNT_10
16
H'FD16
TPU_10
16
2
Timer general register A_10
TGRA_10
16
H'FD18
TPU_10
16
2
Timer general register B_10
TGRB_10
16
H'FD1A
TPU_10
16
2
Timer control register_11
TCR_11
8
H'FD20
TPU_11
16
2
Timer mode register_11
TMDR_11
8
H'FD21
TPU_11
16
2
Timer I/O control register_11
TIOR_11
8
H'FD22
TPU_11
16
2
Timer interrupt enable register_11
TIER_11
8
H'FD24
TPU_11
16
2
Timer status register_11
TSR_11
8
H'FD25
TPU_11
16
2
Timer counter_11
TCNT_11
16
H'FD26
TPU_11
16
2
Timer general register A_11
TGRA_11
16
H'FD28
TPU_11
16
2
Timer general register B_11
TGRB_11
16
H'FD2A
TPU_11
16
2
Port 1 open drain control register
P1ODR
8
H'FD40
PORT
8
2
Port 2 open drain control register
P2ODR
8
H'FD41
PORT
8
2
Port 5 open drain control register
P5ODR
8
H'FD42
PORT
8
2
Port 6 open drain control register
P6ODR
8
H'FD43
PORT
8
2
Port 8 open drain control register
P8ODR
8
H'FD44
PORT
8
2
Port B open drain control register
PBODR
8
H'FD45
PORT
8
2
Port C open drain control register
PCODR
8
H'FD46
PORT
8
2
Port D open drain control register
PDODR
8
H'FD47
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com