Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1160 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1160 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1159Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1160Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1161Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1162Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1163Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1160 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1132 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Flash memory control register 1
FLMCR1
8
H'FEB0
FLASH
8
2
Flash memory data block protect
register
DFPR
8
H'FEB2
FLASH
8
2
Flash memory status register
FLMSTR
8
H'FEB3
FLASH
8
2
Bus width control register
ABWCR
8
H'FEC0
BSC
16
2
Access state control register
ASTCR
8
H'FEC1
BSC
16
2
Wait control register AH
WTCRAH
8
H'FEC2
BSC
16
2
Wait control register AL
WTCRAL
8
H'FEC3
BSC
16
2
Wait control register BH
WTCRBH
8
H'FEC4
BSC
16
2
Wait control register BL
WTCRBL
8
H'FEC5
BSC
16
2
Read strobe timing control register
RDNCR
8
H'FEC6
BSC
16
2
CS assertion period control register
H
CSACRH
8
H'FEC8
BSC
16
2
CS assertion period control register
L
CSACRL
8
H'FEC9
BSC
16
2
Burst ROM interface control register
H
BROMCRH
8
H'FECA
BSC
16
2
Burst ROM interface control register
L
BROMCRL
8
H'FECB
BSC
16
2
Bus control register
BCR
16
H'FECC
BSC
16
2
Address/data multiplexed I/O control
register
MPXCR
8
H'FECF
BSC
16
2
DRAM control register L
DRAMCR
16
H'FED0
BSC
16
2
DRAM access control register H
DRACCRH
8
H'FED2
BSC
16
2
DRAM access control register L
DRACCRL
8
H'FED3
BSC
16
2
Refresh control register
REFCR
16
H'FED4
BSC
16
2
Refresh timer counter
RTCNT
8
H'FED6
BSC
16
2
Refresh time constant register
RTCOR
8
H'FED7
BSC
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com