Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1217 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1217 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1213Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1214Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1215Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1216Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1217Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1218Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1219Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1220Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1217 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1189 of 1270
REJ09B0466-0100
Item
Symbol Min.
Max.
Unit
Test Conditions
Master
2.5
SSU*
SCS hold time
Slave
t
LAG
2.5
t
cyc
Figures 26.49 to
26.52
Master
40
Data output delay
time
Slave
t
OD
40
ns
Master
0
Data output hold
time
Slave
t
OH
0
ns
Master
2.5
Continuous
transmit delay time
Slave
t
TD
2.5
t
cyc
Slave access time
t
SA
1
t
cyc
Slave out release time
t
REL
1
t
cyc
Figures 26.51
and 26.52
Note
*
SSU: Synchronous serial communication unit
26.1.4
A/D Conversion Characteristics
Table 26.11 A/D Conversion Characteristics
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Min.
Typ.
Max.
Unit
Resolution
10
10
10
Bit
Conversion time
4.0*
µs
Analog input capacitance
15
pF
Permissible signal source impedance
5
k
Ω
Nonlinearity error
±5.5
LSB
Offset error
±5.5
LSB
Full-scale error
±5.5
LSB
Quantization error
±0.5
LSB
Absolute accuracy
±6.0
LSB
Note:
*
For 40 states at ADCLK = 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com