Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1233 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1233 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1205 of 1270
REJ09B0466-0100
Item
Symbol Min.
Max.
Unit
Test Conditions
A/D
converter
Trigger input setup time
t
TRGS
30
ns
Figure 26.46
IIC2
SCL input cycle time
t
SCL
12 t
cyc +600 
ns
Figure 26.47
SCL input high pulse width
t
SCLH
3 t
cyc +300
ns
SCL input low pulse width
t
SCLL
5 t
cyc +300
ns
SCL, SDA Input falling time
t
Sf
300
ns
SCL, SDA Input spike pulse
removal time
t
SP
1 t
cyc
ns
SDA input bus free time
t
BUF
5 t
cyc
ns
Start condition input hold
time
t
STAH
3 t
cyc
ns
Retransmit start condition
input setup time
t
STAS
3 t
cyc
ns
Stop condition input setup
time
t
STOS
1 t
cyc +20
ns
Data input setup time
t
SDAS
0
ns
Data input hold time
t
SDAH
0
ns
SCL, SDA capacitive load
Cb
400
pF
SCL, SDA falling time
t
Sf
300
ns
Master
4
256
t
cyc
SSU*
Clock cycle
Slave
t
SUcyc
4
256
Figures 26.49 to
26.52
Master
80
Clock high pulse
width
Slave
t
HI
80
ns
Master
80
Clock low pulse
width
Slave
t
LO
80
ns
Clock rising time
t
RISE
20
ns
Clock falling time
t
FALL
20
ns
Master
25
Data input setup
time
Slave
t
SU
30
ns
Master
10
Data input hold
time
Slave
t
H
10
ns
Master
2.5
SCS setup time
Slave
t
LEAD
2.5
t
cyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com