Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1291 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1291 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1287Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1288Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1289Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1290Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1291Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1292Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1293Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1294Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1291 / 1302 page
background image
Appendix
Rev. 1.00 Sep. 19, 2008 Page 1263 of 1270
REJ09B0466-0100
B
A
S
φ x n
B
A
B
wS
A
wS
S
yS
1
y
S
v
x4
K
J
H
G
F
E
D
C
B
A
10
9
8
7
6
5
4
3
2
1
D
L
11 12 13
M
N
Z
e
φb
D
PTLG0145JB-A
P-TFLGA145-9x9-0.65
0.15g
MASS[Typ.]
Previous Code
JEITA Package Code
RENESAS Code
-
e
A1
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
A
b
x
y
9.0
0.1
0.65
0.30
0.35
0.40
1.2
9.0
0.08
v
w
0.6
0.6
y1
0.20
0.20
0.15
ZE
ZD
SE
SD
E
D
Figure C.2 Package Dimensions (TFLGA-145)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com