Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 149Page - Renesas Technology Corp H8S/2424 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 118 of 1270
REJ09B0466-0100
5.3.5
IRQ Status Register (ISR)
ISR is an IRQ15 to IRQ0 interrupt request flag register.
Bit
Bit Name
Initial Value
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IRQ15F*
2
IRQ14F*
2
IRQ13F*
2
IRQ12F*
2
IRQ11F*
2
IRQ10F*
2
IRQ9F*
2
IRQ8F*
2
IRQ7F
IRQ6F
IRQ5F
IRQ4F
IRQ3F
IRQ2F
IRQ1F
IRQ0F
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
R/(W)*
1
[Setting condition]
When the interrupt source selected by ISCR
occurs
[Clearing conditions]
• Cleared by reading IRQnF flag when IRQnF =
1, then writing 0 to IRQnF flag
• When interrupt exception handling is executed
when low-level detection is set and
IRQn input
is high
• When IRQn interrupt exception handling is
executed when falling, rising, or both-edge
detection is set
• When the DTC is activated by an IRQn
interrupt, and the DISEL bit in MRB of the DTC
is cleared to 0
Notes: 1. Only 0 can be written, to clear the flag.
2. These bits are reserved in the H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com