Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 211Page - Renesas Technology Corp H8S/2424 Datasheet HTML 212Page - Renesas Technology Corp H8S/2424 Datasheet HTML 213Page - Renesas Technology Corp H8S/2424 Datasheet HTML 214Page - Renesas Technology Corp H8S/2424 Datasheet HTML 215Page - Renesas Technology Corp H8S/2424 Datasheet HTML 216Page - Renesas Technology Corp H8S/2424 Datasheet HTML 217Page - Renesas Technology Corp H8S/2424 Datasheet HTML 218Page - Renesas Technology Corp H8S/2424 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 187 of 1270
REJ09B0466-0100
6.4.4
Chip Select Signals
This LSI can output chip select signals (
CS0 to CS7) for areas 0 to 7. The signal outputs low when
the corresponding external space area is accessed. Figure 6.7 shows an example of
CS0 to CS7
signals output timing.
Enabling or disabling of
CS0 to CS7 signals output is set by the data direction register (DDR) bit
for the port corresponding to the
CS0 to CS7 pins.
In expanded mode with on-chip ROM disabled, the
CS0 pin is placed in the output state after a
reset. Pins
CS1 to CS7 are placed in the input state after a reset and so the corresponding DDR bits
and PFCR0 bits should be set to 1 when outputting signals
CS1 to CS7.
In expanded mode with on-chip ROM enabled, pins
CS0 to CS7 are all placed in the input state
after a reset and so the corresponding DDR bits and PFCR0 bits should be set to 1 when
outputting signals
CS0 to CS7.
When areas 2 to 5 are designated as DRAM space, outputs
CS2 to CS5 are used as RAS signals.
When areas 2 to 5 are designated as continuous synchronous DRAM space in the H8S/2426R
Group, outputs
CS2, CS3, CS4, and CS5 are used as RAS, CAS, WE, and CLK signals.
Note:
The A23E bit in PFCR1 should be cleared to 0 when CS7 signal is output in the H8S/2424
Group.
Bus cycle
T1
T2
T3
Area n external address
Address bus
φ
CSn
Figure 6.7
CSn Signal Output Timing (n = 0 to 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com