Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 282Page - Renesas Technology Corp H8S/2424 Datasheet HTML 283Page - Renesas Technology Corp H8S/2424 Datasheet HTML 284Page - Renesas Technology Corp H8S/2424 Datasheet HTML 285Page - Renesas Technology Corp H8S/2424 Datasheet HTML 286Page - Renesas Technology Corp H8S/2424 Datasheet HTML 287Page - Renesas Technology Corp H8S/2424 Datasheet HTML 288Page - Renesas Technology Corp H8S/2424 Datasheet HTML 289Page - Renesas Technology Corp H8S/2424 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 258 of 1270
REJ09B0466-0100
6.8.12
Burst Operation
With synchronous DRAM, in addition to full access (normal access) in which data is accessed by
outputting a row address for each access, burst access is also provided which can be used when
making consecutive accesses to the same row address. This access enables fast access of data by
simply changing the column address after the row address has been output. Burst access can be
selected by setting the BE bit to 1 in DRAMCR.
DQM has the 2-cycle latency when synchronous DRAM is read. Therefore, the DQM signal
cannot be specified to the Tc2 cycle data output if the Tc1 cycle is executed for second or
following column address when the CAS latency is set to 1 to issue the READ command. Do not
set the BE bit to 1 when synchronous DRAM of CAS latency 1 is connected.
(1) Burst Access Operation Timing
Figure 6.64 shows the operation timing for burst access. When there are consecutive access cycles
for continuous synchronous DRAM space, the column address output cycles continue as long as
the row address is the same for consecutive access cycles. The row address used for the
comparison is set with bits MXC2 to MXC0 in DRAMCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com