Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 315Page - Renesas Technology Corp H8S/2424 Datasheet HTML 316Page - Renesas Technology Corp H8S/2424 Datasheet HTML 317Page - Renesas Technology Corp H8S/2424 Datasheet HTML 318Page - Renesas Technology Corp H8S/2424 Datasheet HTML 319Page - Renesas Technology Corp H8S/2424 Datasheet HTML 320Page - Renesas Technology Corp H8S/2424 Datasheet HTML 321Page - Renesas Technology Corp H8S/2424 Datasheet HTML 322Page - Renesas Technology Corp H8S/2424 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 291 of 1270
REJ09B0466-0100
(b) Normal space access after a continuous synchronous DRAM space write access
If a normal space read cycle occurs after a continuous synchronous DRAM space write access
while the ICIS2 bit is set to 1 in BCR, idle cycle is inserted at the start of the read cycle. The
number of states of the idle cycle to be inserted is in accordance with the setting of bit IDLC. It is
not in accordance with the DRMI bit in DRACCR.
Figure 6.92 shows an example of idle cycle operation when the ICIS2 bit is set to 1.
Tp
Address bus
Idle cycle
Data bus
Tr
Tc1
Tc2
T3
Tc1
Continuous synchronous
DRAM space write
External address space read
Synchronous
DRAM space read
T2
Ti
T1
RAS
CAS
WE
RD
HWR, LWR
CKE
High
PALL
ACTV
NOP WRIT
NOP
NOP
READ
DQMU, DQML
TCl
Tc2
Precharge-sel
φ
External address
External address
Column
address
Column address 2
Row
address
Row
address
Column
address
Figure 6.92 Example of Idle Cycle Operation after Continuous Synchronous DRAM Space
Write Access (IDLC = 0, ICIS1 = 0, SDWCD = 1, CAS Latency 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com