Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 485Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 450 of 1468
REJ09B0412-0200
Each interrupt source is specified by the interrupt enable bit in the register for the corresponding
channel. A transfer end interrupt by the transfer counter, a transfer size error interrupt, a repeat
size end interrupt, an interrupt by an extended repeat area overflow on the source address, and an
interrupt by an extended repeat area overflow on the destination address are enabled or disabled by
the DTIE bit in DMDR, the TSEIE bit in DMDR, the RPTIE bit in DACR, SARIE bit in DACR,
and the DARIE bit in DACR, respectively.
A transfer end interrupt by the transfer counter is generated when the DTIF bit in DMDR is set to
1. The DTIF bit is set to 1 when DTCR becomes 0 by a transfer while the DTIE bit in DMDR is
set to 1.
An interrupt other than the transfer end interrupt by the transfer counter is generated when the
ESIF bit in DMDR is set to 1. The ESIF bit is set to 1 when the conditions are satisfied by a
transfer while the enable bit is set to 1.
A transfer size error interrupt is generated when the next transfer cannot be performed because the
DTCR value is less than the data access size, meaning that the data access size of transfers cannot
be performed. In block transfer mode, the block size is compared with the DTCR value for
transfer error decision.
A repeat size end interrupt is generated when the next transfer is requested after completion of the
repeat size of transfers in repeat transfer mode. Even when the repeat area is not specified in the
address register, the transfer can be stopped periodically according to the repeat size. At this time,
when a transfer end interrupt by the transfer counter is generated, the ESIF bit is set to 1.
An interrupt by an extended repeat area overflow on the source and destination addresses is
generated when the address exceeds the extended repeat area (overflow). At this time, when a
transfer end interrupt by the transfer counter, the ESIF bit is set to 1.
Figure 10.39 is a block diagram of interrupts and interrupt flags. To clear an interrupt, clear the
DTIF or ESIF bit in DMDR to 0 in the interrupt handling routine or continue the transfer by
setting the DTE bit in DMDR after setting the register. Figure 10.40 shows procedure to resume
the transfer by clearing a interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com