Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 485Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 486Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 487Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 488Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 453 of 1468
REJ09B0412-0200
Section 11 EXDMA Controller (EXDMAC)
This LSI has an on-chip four-channel external bus transfer DMA controller (EXDMAC). The
EXDMAC can carry out high-speed data transfer, in place of the CPU, to and from external
devices and external memory. Also, the EXDMAC allows external bus transfer in parallel with the
internal CPU operation when there is no external bus request from a controller other than the
EXDMAC.
11.1
Features
• Up to 4-Gbyte address space accessible
• Selection of byte, word, or longword transfer data length
• Total transfer size of up to 4 Gbytes (4,294,967,295 bytes)
Selection of free-running mode (with no total transfer size specified)
• Selection of auto-requests or external requests for activating the EXDMAC
Auto-request: Activation from the CPU (Cycle steal mode or burst mode can be selected.)
External request: Low level sensing or falling edge sensing for the
EDREQ signal can be
selected.
All of four channels can accept external requests.
• Selection of dual address mode or single address mode
Dual address mode: Both the transfer source and destination addresses are specified to transfer
data.
Single address mode: The
EDACK signal is used to access the transfer source or destination
peripheral device and the address of the other device is specified to transfer data.
• Normal, repeat, block, or cluster transfer (only for the EXDMAC) can be selected as transfer
mode
Normal transfer mode: One byte, one word, or one longword data is transferred at a single
transfer request
Repeat transfer mode:
One byte, one word, or one longword data is transferred at a single
transfer request
Repeat size of data is transferred and then a transfer address returns to
the transfer start address
Up to 64-kbyte transfers can be set as repeat size (65,536
bytes/words/longwords)
Block transfer mode:
One block data is transferred at a single transfer request
Up to 64-kbyte data can be set as block size (65,536
bytes/words/longwords)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com