Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 485Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 486Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 487Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 488Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 489Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 454 of 1468
REJ09B0412-0200
Cluster transfer mode: One cluster data is transferred at a single transfer request
Up to 32-byte data can be set as cluster size
• Selection of extended repeat area function (to transfer data such as ring buffer data by fixing
the upper bit value in the transfer address register and repeating the address values in a
specified range)
For the extended repeat area, 1 bit (2 bytes) to 27 bits (128 Mbytes) can be set independently
for the transfer source or destination.
• Selection of address update methods: Increment/decrement by 1, 2 or 4, fixed, or offset
addition
When offset addition is used to update addresses, the mid-addresses can be skipped during data
transfer.
• Transfer of word or longword data to addresses beyond each data boundary
Data can be divided into an optimal data size (byte or word) according to addresses when
transferring data.
• Two kinds of interrupts requested to the CPU
Transfer end interrupt: Requested after the number of data set by the transfer counter has been
completely transferred
Transfer escape end interrupt: Requested when the remaining transfer size is smaller than the
size set for a single transfer request, after a repeat-size transfer is completed, or when an
extended repeat area overflow occurs.
• Acceptance of a transfer request can be reported to an external device via the EDRAK pin
(only for the EXDMAC).
• Operation of EXDMAC, connected to a dedicated bus, in parallel with a bus master such as the
CPU, DTC, or DMAC (only for the EXDMAC).
• Module stop state can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com