Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 491 of 1468
REJ09B0412-0200
11.5.4
Bus Mode
There are two bus modes: cycle steal mode and burst mode.
For auto-request activation, either cycle steal mode or burst mode can be selected by the DTF0 bit
in EDMDR. When the activation source is an external request, cycle steal mode is used.
(1)
Cycle Steal Mode
In cycle steal mode, the EXDMAC releases the bus mastership at the end of each transfer of a
transfer unit (byte, word, longword, one block size, or one cluster size). If there is a subsequent
transfer request, the EXDMAC takes back the bus mastership, performs another transfer-unit
transfer, and then releases the bus mastership again at the end of the transfer. This procedure is
repeated until the transfer end condition is satisfied.
If a transfer request occurs in another channel during EXDMA transfer, the bus mastership is
temporarily released for another bus master, then transfer is performed on the channel for which
the transfer request was issued. For details on the operation when there are transfer requests for a
number of channels, see section 11.5.8, Channel Priority Order.
Figure 11.13 shows an example of the timing in cycle steal mode. The transfer conditions are as
follows:
• Address mode: Single address mode
• Sampling method on the EDREQ pin: Low level sensing
• CPU internal bus master is operating in external space
CPU
CPU
CPU
EXDMAC
CPU
EXDMAC
EDREQ
EDRAK
Bus cycle
Bus mastership returned temporarily to CPU
Figure 11.13 Example of Timing in Cycle Steal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com