Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 524 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 527Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 492 of 1468
REJ09B0412-0200
(2)
Burst Mode
In burst mode, once the EXDMAC acquires the bus mastership, it continues transferring data,
without releasing the bus mastership, until the transfer end condition is satisfied. In burst mode,
once transfer is started it is not interrupted even if there is a transfer request for another channel
with higher priority. When the burst mode channel finishes its transfer, it releases the bus
mastership in the next cycle in the same way as in cycle steal mode. However, when the EBCCS
bit in BCR2 of the bus controller is set to 1, the EXDMAC can temporarily release the bus
mastership for another bus master when an external access request is generated from another bus
master.
In block transfer mode and cluster transfer mode, the setting of burst mode is invalid (one-block or
one-cluster transfer is processed in the same way as in burst mode). The EXDMAC always
operates in cycle steal mode.
When the DTE bit is cleared to 0 in EDMDR, EXDMA transfer is halted. However, EXDMA
transfer is executed for all transfer requests generated within the EXDMAC until the DTE bit is
cleared to 0. If a transfer size error interrupt, a repeat size end interrupt, or extended repeat area
overflow interrupt is generated, the DTE bit is cleared to 0 and transfer is terminated.
Figure 11.14 shows an example of the timing in burst mode.
CPU
CPU
CPU
CPU
EXDMAC
EXDMAC
EXDMAC
Bus cycle
CPU cycle not generated
Figure 11.14 Example of Timing in Burst Mode
11.5.5
Extended Repeat Area Function
The EXDMAC has a function for designating an extended repeat area for source addresses and/or
destination addresses. When an extended repeat area is designated, the address register values
repeat within the range specified as the extended repeat area. Normally, when a ring buffer is
involved in a transfer, an operation is required to restore the address register value to the buffer
start address each time the address register value becomes the last address in the buffer (i.e. when
ring buffer address overflow occurs). However, if the extended repeat area function is used, the
operation that restores the address register value to the buffer start address is processed
automatically within the EXDMAC.
The extended repeat area function can be set independently for the source address register
(EDSAR) and the destination address register (EDDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com