Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 527Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 528Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 529Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 530Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 531Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 496 of 1468
REJ09B0412-0200
For the offset addition method (c), address operation is not performed based on the data access
size. The EXDMAC adds the value set by EDOFR to the transfer destination or source address for
each time the data is transferred.
The EXDMAC sets the offset value in EDOFR and operates using EDSAR or EDDAR. The
EXDMAC can only add the offset value, but subtraction of the offset value is also possible by
setting a negative value in EDOFR. Specify a twos complement for a negative offset value.
(1)
Basic transfer using offset
Figure 11.18 shows the basic operation of transfer using an offset.
Data 1
Offset value
Address A1
Transfer
Address A2
= Address A1 + Offset
Address B1
Address B2 = Address B1 + 4
Address B3 = Address B2 + 4
Address B4 = Address B3 + 4
Address B5 = Address B4 + 4
Address A3
= Address A2 + Offset
Address A4
= Address A3 + Offset
Address A5
= Address A4 + Offset
Offset value
Offset value
Offset value
Transfer source:
Offset added
Transfer destination: Incremented by 4
(with a longword-size selected)
Data 1
Data 2
Data 3
Data 4
Data 5
:
:
:
:
Data 2
Data 3
Data 4
Data 5
Figure 11.18 Address Update Function Using Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com