Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 527Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 528Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 529Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 494 of 1468
REJ09B0412-0200
Caution is required when the extended repeat area overflow interrupt is used together with block
transfer mode. If transfer is always terminated when extended repeat area overflow occurs in block
transfer mode, the block size must be a power of two, or alternatively, the address register value
must be set so that the end of a block coincides with the end of the extended repeat area range. If
extended repeat area overflow occurs during a block-size transfer in block transfer mode, the
extended repeat area overflow interrupt request is held pending until the end of the block, and
transfer overrun will occur.
The same caution is required when the extended repeat area overflow interrupt is used together
with cluster transfer mode.
Figure 11.16 shows an example in which block transfer mode is used together with the extended
repeat area function.
External memory
Range of
EDSAR values
First block
transfer
Second block
transfer
H'23FFFE
H'23FFFF
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240008
H'240009
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240000
H'240001
H'240002
H'240003
H'240004
H'240000
H'240001
H'240005
H'240006
H'240007
Interrupt
requested
Block transfer in progress
When lower 3 bits (8-byte area) of EDSAR are designated as extended repeat area (SARA4 to
SARA0 = 3), and block size of 5 (bits 23 to 16 in EDTCR = 5) is set in block transfer mode.
Figure 11.16 Example of Extended Repeat Area Function Operation in Block Transfer
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com