Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 658 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 658 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 654Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 655Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 656Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 657Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 658Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 660Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 626 of 1468
REJ09B0412-0200
(2)
PA6/
AS/AH/BS-B
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PA6DDR bit settings.
Setting
Bus
Controller
I/O Port
Module Name
Pin Function
AH_OE
BS-B_OE
AS_OE
PA6DDR
AH output*
1
BS-B output*
0
1
Bus controller
AS output*
(initial value E)
0
0
1
PA6 output
0
0
0
1
I/O port
PA6 input
(initial value S)
0
0
0
0
[Legend]
Initial value E:
Initial value in external extended mode
Initial value S:
Initial value in single-chip mode
Note:
*
Valid in external extended mode (EXPE = 1)
(3)
PA5/
RD
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, and the PA5DDR bit settings.
Setting
MCU Operating Mode
I/O Port
Module Name
Pin Function
EXPE
PA5DDR
Bus controller
RD output*
(Initial value E)
1
PA5 output
0
1
I/O port
PA5 input
(initial value S)
0
0
[Legend]
Initial value E:
Initial value in external extended mode
Initial value S:
Initial value in single-chip mode
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com