Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 659 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 659 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 655Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 656Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 657Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 658Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 660Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 627 of 1468
REJ09B0412-0200
(4)
PA4/
LHWR/LUB
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PA4DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
LUB_OE*2
LHWR_OE*2
PA4DDR
LUB output*1
1
Bus controller
LHWR output*1
(initial value E)
1
PA4 output
0
0
1
I/O port
PA4 input
(initial value S)
0
0
0
[Legend]
Initial value E:
Initial value in external extended mode
Initial value S:
Initial value in single-chip mode
Notes: 1. Valid in external extended mode (EXPE = 1)
2. When the byte control SRAM space is accessed while the byte control SRAM space is
specified or while LHWROE = 1, this pin functions as the
LUB output; otherwise, the
LHWR output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com