Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 663 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 663 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 660Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 663Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 664Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 665Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 666Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 631 of 1468
REJ09B0412-0200
(3)
PB5/
CS5-D/OE/CKE
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PB5DDR bit settings.
Setting
I/O Port
Module Name
Pin Function
CKE_OE
OE_OE
CS5D_OE
PB5DDR
CKE output*
1
OE output*
0
1
Bus controller
CS5-D output*
0
0
1
PB5 output
0
0
0
1
I/O port
PB5 input
(initial value)
0
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(4)
PB4/
CS4-B/WE
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PB4DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
WE_OE
CS4B_OE
PB4DDR
WE output*
1
Bus controller
CS4-B output*
0
1
PB4 output
0
0
1
I/O port
PB4 input
(initial value)
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com