Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 666 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 666 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 663Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 664Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 665Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 666Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 667Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 668Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 669Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 670Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 634 of 1468
REJ09B0412-0200
13.2.8
Port C
(1)
PC3/
LLCAS/DQMLL
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the bus controller register, and the PC3DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
LLCAS_OE
DQMLL_OE
PC3DDR
LLCAS output*
1
Bus controller
DQMLL output*
1
PC3 output
0
0
1
I/O port
PC3 input
(initial value)
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(2)
PC2/
LUCAS/DQMLU
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the bus controller register, and the PC2DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
LUCAS_OE
DQMLU_OE
PC2DDR
LUCAS output*
1
Bus controller
DQMLU output*
1
PC2 output
0
0
1
I/O port
PC2 input
(initial value)
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com