Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 665 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 665 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 663Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 664Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 665Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 666Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 667Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 668Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 633 of 1468
REJ09B0412-0200
(7)
PB1/
CS1/CS2-B/CS5-A/CS6-B/CS7-B
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, the port function control register (PFCR), and the PB1DDR bit settings.
Setting
I/O Port
Module Name
Pin Function
CS1_OE
CS2B_OE CS5A_OE CS6B_OE CS7B_OE PB1DDR
CS1 output*
1
CS2-B output*
1
CS5-A output*
1
CS6-B output*
1
Bus controller
CS7-B output*
1
PB1 output
0
0
0
0
0
1
I/O port
PB1 input
(initial value)
0
0
0
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(8)
PB0/
CS0/CS4/CS5-B
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, the port function control register (PFCR), and the PB0DDR bit settings.
Setting
I/O Port
Module Name
Pin Function
CS0_OE
CS4_OE
CS5B_OE
PB0DDR
CS0 output
(initial value E)
1
CS4 output
1
Bus controller
CS5-B output
1
PB0 output
0
0
0
1
I/O port
PB0 input
(initial value S)
0
0
0
0
[Legend]
Initial value E:
Initial value in on-chip ROM disabled external extended mode
Initial value S:
Initial value in other modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com