Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 660 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 660 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 656Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 657Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 658Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 660Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 663Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 628 of 1468
REJ09B0412-0200
(5)
PA3/
LLWR/LLB
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, and the PA3DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
LLB_OE*2
LLWR_OE*2
PA3DDR
LLB output*1
1
Bus controller
LLWR output*1
(initial value E)
1
PA3 output
0
0
1
I/O port
PA3 input
(initial value S)
0
0
0
[Legend]
Initial value E:
Initial value in external extended mode
Initial value S:
Initial value in single-chip mode
Notes: 1. Valid in external extended mode (EXPE = 1)
2. If the byte control SRAM space is accessed, this pin functions as the
LLB output;
otherwise, the
LLWR.
(6)
PA2/
BREQ/WAIT
The pin function is switched as shown below according to the combination of the bus controller
register setting and the PA2DDR bit setting.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
BCR_BRLE
BCR_WAITE
PA2DDR
BREQ input
1
Bus controller
WAIT input
0
1
PA2 output
0
0
1
I/O port
PA2 input
(initial value)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com