Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 853 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 853 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 849Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 850Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 851Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 852Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 853Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 854Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 855Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 856Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 857Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 821 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
CMIEA
0
R/W
Compare Match Interrupt Enable A
Selects whether CMFA interrupt requests (CMIA) are
enabled or disabled when the CMFA flag in TCSR is set
to 1. *
2
0: CMFA interrupt requests (CMIA) are disabled
1: CMFA interrupt requests (CMIA) are enabled
5
OVIE
0
R/W
Timer Overflow Interrupt Enable*
3
Selects whether OVF interrupt requests (OVI) are
enabled or disabled when the OVF flag in TCSR is set to
1.
0: OVF interrupt requests (OVI) are disabled
1: OVF interrupt requests (OVI) are enabled
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1 and 0*
1
These bits select the method by which TCNT is cleared.
00: Clearing is disabled
01: Cleared by compare match A
10: Cleared by compare match B
11: Cleared at rising edge (TMRIS in TCCR is cleared to
0) of the external reset input or when the external
reset input is high (TMRIS in TCCR is set to 1) *
3
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0*
1
These bits select the clock input to TCNT and count
condition. See table 16.2.
Notes: 1. To use an external reset or external clock, the DDR and ICR bits in the corresponding
pin should be set to 0 and 1, respectively. For details, see section 13, I/O Ports.
2. In unit 2 and unit 3, one interrupt signal is used for CMIEB or CMIEA. For details, see
section 16.7, Interrupt Sources.
3. Available only in unit 0 and unit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com