Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 851Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 852Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 853Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 854Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 855Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 856Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 857Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 858Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 823 of 1468
REJ09B0412-0200
Table 16.2
Clock Input to TCNT and Count Condition (Unit 0)
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0 Description
0
0
0
Clock input prohibited
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
0
0
1
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
0
1
0
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at falling edge of P
φ/8192.
0
1
1
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
TMR_0
1
0
0
Counts at TCNT_1 overflow signal*
1.
0
0
0
Clock input prohibited
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
0
0
1
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
0
1
0
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at falling edge of P
φ/8192.
0
1
1
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
TMR_1
1
0
0
Counts at TCNT_0 compare match A*
1.
1
0
1
Uses external clock. Counts at rising edge*
2.
1
1
0
Uses external clock. Counts at falling edge*
2.
All
1
1
1
Uses external clock. Counts at both rising and falling
edges*
2.
Notes: 1. If the clock input of channel 0 is the TCNT_1 overflow signal and that of channel 1 is the
TCNT_0 compare match signal, no incrementing clock is generated. Do not use this
setting.
2. To use the external clock, the DDR and ICR bits in the corresponding pin should be set
to 0 and 1, respectively. For details, see section 13, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com