Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 854 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 854 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 850Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 851Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 852Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 853Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 854Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 855Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 856Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 857Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 822 of 1468
REJ09B0412-0200
16.3.5
Timer Counter Control Register (TCCR)
TCCR selects the TCNT internal clock source and controls external reset input.
7
0
R
6
0
R
5
0
R
4
0
R
3
TMRIS
0
R/W
2
0
R
1
ICKS1
0
R/W
0
ICKS0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
R
Reserved
These bits are always read as 0. It should not be set to 0.
3
TMRIS
0
R/W
Timer Reset Input Select*
Selects an external reset input when the CCLR1 and
CCLR0 bits in TCR are B'11.
0: Cleared at rising edge of the external reset
1: Cleared when the external reset is high
2
0
R
Reserved
This bit is always read as 0. It should not be set to 0.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Select 1 and 0
These bits in combination with bits CKS2 to CKS0 in TCR
select the internal clock. See table 16.2.
Note:
*
Available only in unit 0 and unit 1. The write value should always be 0 in unit 2 and unit
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com