Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 874 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 874 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 871Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 872Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 842 of 1468
REJ09B0412-0200
Table 16.9
Switching of Internal Clock and TCNT Operation
No.
Timing to Change CKS1
and CKS0 Bits
TCNT Clock Operation
1
Switching from low to low*
1
Clock before
switchover
Clock after
switchover
TCNT input
clock
TCNT
CKS bits changed
N
N + 1
2
Switching from low to high*
2
Clock before
switchover
Clock after
switchover
TCNT input
clock
TCNT
CKS bits changed
N
N + 1
N + 2
3
Switching from high to low*
3
Clock before
switchover
Clock after
switchover
TCNT input
clock
TCNT
CKS bits changed
N
N + 1
N + 2
*4
4
Switching from high to high
Clock before
switchover
Clock after
switchover
TCNT input
clock
TCNT
CKS bits changed
N
N + 1
N + 2
Notes: 1. Includes switching from low to stop, and from stop to low.
2. Includes switching from stop to high.
3. Includes switching from high to stop.
4. Generated because the change of the signal levels is considered as a falling edge;
TCNT is incremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com