Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 877 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 877 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 845 of 1468
REJ09B0412-0200
Section 17 32K Timer (TM32K)
The 32K timer (TM32K) is a 24-bit timer. Either 8- or 24- counter operation is selectable. It
generates a 32K timer interrupt every time the interrupt period of the counter elapses. Figure 17.1
shows a block diagram of the TM32K.
17.1
Features
• A 32K timer interrupt (32KOVI) is generated at the overflow interval for the counter.
• Eight interrupt overflow cycles of 250 ms, 500 ms, 1 s, 2 s, 30 s, 60 s, approx. 22.7 days, and
approx. 45.5 days settable.
• Counter operational except in hardware standby mode or the reset state.
• Canceling software standby mode and deep software standby mode is possible.
Clock divider
SUBCK/32
SUBCK/64
SUBCK/128
SUBCK/256
SUBCK/16384
SUBCK/32768
Internally
divided
clock
32KOVI
(Interrupt request
signal)
Subclock (SUBCK)
(32.768KHz)
EXCKSN
TME
CKS1/0
TCR32K
Module bus
Bus interface
Counter
TK32K
TCNT32K1 (8 bits)
TCNT32K2 (8 bits)
TCNT32K3 (8 bits)
[Legend]
TCR32K:
Timer control register
TCNT32K 1 to 3: Timer counter
Figure 17.1 Block Diagram of TM32K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com