Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 881 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 881 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 885Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 881 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 849 of 1468
REJ09B0412-0200
17.3
Operation
17.3.1
Basic Operation
Either 8-bit or 24-bit counter operation can be selected for the timer counter.
Setting 1 to the TME bit in TCR32K starts the count-up operation.
A 32K timer interrupt (32KOVI) is generated by the interrupt cycle. Table 17.1 shows
relationships between the timer counter operations according to the setting of bits EXCKSN,
CKS1, and CKS0 in TCR32K and the interrupt cycles.
Table 17.1
Relationships between Counter Operations and 32KOVI Cycles
Setting
Division
Ratio
Selected Counter Interrupt Cycles
EXCKSN CKS1 CKS2
Internally
Divided CLK
TCNT
32K1
TCNT
32K2
TCNT
32K3
Counter value
when interrupt
generates
32KOVI Cycle
1
0
0
SUBCK/32
√
−
−
250 ms
1
0
1
SUBCK/64
√
−
−
500 ms
1
1
0
SUBCK/128
√
−
−
1 s
1
1
1
SUBCK/256
√
−
−
TCNT32K1=H'FF
2 s
0
0
0
SUBCK/16384
√
√
√
30 s
0
0
1
SUBCK/32768
√
√
√
TCNT32K3=H'3B
60 s
0
1
0
SUBCK/16384
√
√
√
Approx. 22.7
days
0
1
1
SUBCK/32768
√
√
√
TCNT32K1 to 3
=H'FFF3B
Approx. 45.5
days
√ : in use
− : not in use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com