Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 885 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 885 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 885Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 886Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 887Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 888Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 889Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 853 of 1468
REJ09B0412-0200
17.4
Interrupt Source
At the interrupt interval, the 32K timer generates a 32K timer-overflow interrupt (32KOVI) that
lasts for three cycles of the subclock. Since 32KOVI is internally connected to IRQ15, the IRQ15F
bit is set to 1 when an interrupt is generated. For the IRQ15 setting, select an interrupt request
generated at the falling edge with ISCR. For details, see section 7, Interrupt Controller.
The 32K timer operates in both software-standby and deep-software standby modes. Through
generation of the 32K timer interrupt, the timer can provide the trigger for release from software
standby and deep-software-standby modes. For details, see section 28, Power-Down Modes.
Table 17.2
TM32K Interrupt Source
Name
Interrupt Source
Interrupt Flag DTC Activation
Software Standby
Mode Reset
Deep Software
Standby reset
IRQ15F
Impossible
Possible
Impossible
32KOVI TCNT32K interrupt
DT32KIF
Impossible
Impossible
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com